PART |
Description |
Maker |
MT5C1009SOJ-35/XT MT5C1009SOJ-35L/XT MT5C1009SOJ-5 |
128K X 8 STANDARD SRAM, 35 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 55 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 70 128K X 8 STANDARD SRAM, 15 ns, CDSO32 128K X 8 STANDARD SRAM, 12 ns, CDIP32 128K X 8 STANDARD SRAM, 55 ns, CQCC32 128K X 8 STANDARD SRAM, CQCC32 128K X 8 STANDARD SRAM, 35 ns, CDFP32 128K X 8 STANDARD SRAM, CDIP32
|
Micross Components Austin Semiconductor, Inc AUSTIN SEMICONDUCTOR INC
|
HM628128ALFP-8L HM628128ALT-8L HM628128ALR-8L HM62 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, REVERSE, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Hitachi,Ltd.
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
KM681002C KM681002C-10 KM681002C-12 KM681002C-15 K |
128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAM5V工作。在经营商业和工业温度范围 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
GVT71128E36B-7 GVT71128E36T-7 |
128K X 36 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, 2.40 MM HEIGHT, FBGA-119 128K X 36 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
R1LP0108ESR-7SR R1LP0108ESR-5SI R1LP0108ESA-7SI R1 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 8 X 20 MM, PLASTIC, REVERSE BEND, TSOP-32 128K X 8 STANDARD SRAM, 55 ns, PDSO32
|
California Micro Devices Corporation
|
IDT7MMV4101 IDT7MMV4101S10BG IDT7MMV4101S10BGI IDT |
128K x 24 Three Megabit 3.3V CMOS Static RAM 128K × 24.3V的CMOS静态RAM Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 128K X 24 STANDARD SRAM, 15 ns, PBGA119 Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 128K X 24 STANDARD SRAM, 12 ns, PBGA119
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C1019V33-15VC CY7C1019V33L-12VC CY7C1019V33L-15 |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HLX6228KVR HLX6228KVF HLX6228-QH |
128K X 8 STANDARD SRAM, 30 ns, UUC 128K X 8 STANDARD SRAM, 30 ns, UUC31
|
|
|